Part Number Hot Search : 
SC3508 M1951A C2508 DM74AS04 0BT90N6T 1N4993 08SBUS 1N2432
Product Description
Full Text Search
 

To Download 2SD1857 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4132 / 2SD1857
Transistors
Power Transistor (120V, 1.5A)
2SC4132 / 2SD1857
Features 1) High breakdown voltage. (BVCEO = 120V) 2) Low collector output capacitance. (Typ. 20pF at VCB = 10V) 3) High transition frequency. (fT = 80MHz) 4) Complements the 2SB1236. External dimensions (Units : mm)
2SC4132
1.0
1.5 0.4
(1)
4.0 2.5 0.5
3.0
0.5
(3)
1.5 0.4
1.5
4.5
1.6
(2)
Absolute maximum ratings (Ta = 25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation 2SC4132 Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Limits 120 120 5 2 3 0.5 2 1 150 -55~+150 C C Unit V V V A A W
ROHM : MPT3 EIAJ : SC-62
(1) Base(Gate) (2) Collector(Drain) (3) Emitter(Source)
2SD1857
0.4
6.8 2.5
0.65Max.
1.0
*1 *2
0.9
2SD1857 Junction temperature Storage temperature
0.5 (1) (2) (3) 2.54 2.54
1.05
14.5
4.4
0.45
*1 *2
Single pulse Pw = 10ms When mounted on a 40 x 40 x 0.7mm ceramic board.
Taping specifications
ROHM : ATV
(1) Emitter (2) Collector (3) Base
Packaging specifications and hFE
Type Package hFE Marking Code Basic ordering unit (pieces) 2SC4132 2SD1857 MPT3 PQR CB ATV PQR - TV2 2500
*
T100 1000
* Denotes hFE
Electrical characteristics (Ta = 25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. 120 120 5 - - - 82 - - Typ. - - - - - - - 80 20 Max. - - - 1 1 0.4 390 - - Unit V V V A A V - MHz pF IC = 50A IC = 1mA IE = 50A VCB = 100V VEB = 4V IC/IB = 1A/0.1A VCE/IC = 5V/0.1A VCE = 5V , IE = -0.1A , f = 30MHz VCB = 10V , IE = 0A , f = 1MHz Conditions
* *
Transition frequency Output capacitance
* Measured using pulse current.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SD1857

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X